PART |
Description |
Maker |
IDT74LVCH162244APV IDT74LVCH162244A IDT74LVCH16224 |
Adjustable Precision Shunt Regulator 8-SO 0 to 70 LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 Adjustable Precision Shunt Regulator 3-SOT-89 0 to 70 LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, AND BUS-HOLD
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
74LVC16541ADGG 74LVC16541ADL |
LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
NXP SEMICONDUCTORS
|
IDT74LVC16901APA |
LVC/LCX/Z SERIES, DUAL 9-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO64
|
INTEGRATED DEVICE TECHNOLOGY INC
|
MC74LCX16245DTRG |
LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 LEAD FREE, TSSOP-48
|
ON Semiconductor
|
MC74LCX373 MC74LCX373DT MC74LCX373DTG MC74LCX373DT |
Low-Voltage CMOS Octal Transparent Latch; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Rail; Qty per Container: 75 LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Low-Voltage CMOS Octal Transparent Latch; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Low-Voltage CMOS Octal Transparent Latch; Package: SOEIAJ-20; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2000 LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
|
ON Semiconductor
|
74LCXZ16240 74LCXZ16240MTDX 74LCXZ16240MEAX |
LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 Low Voltage 16-Bit Inverting Buffer/Line Driver
|
FAIRCHILD SEMICONDUCTOR CORP
|
74LCX16245MTD 74LCX16245MTDX 74LCX16245 74LCX16245 |
Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCX245MSAXNL |
Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp.
|
74LCX162374 74LCX162374GX 74LCX162374MEA 74LCX1623 |
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26з Series Resistors LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 16-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Series Resistors From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistors Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVC646A_3 74LVC646A 74LVC646APWDH |
LVC/LCX/Z SERIES, 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO24 From old datasheet system Octal bus transceiver/register (3-State)
|
NXP SEMICONDUCTORS Philips
|
74LVC1G11GF 74LVC1G11GM 74LVC1G11GV 74LVC1G11GW 74 |
Single 3-input AND gate; Package: SOT457 (SC-74); Container: Tape reel smd, Reverse LVC/LCX/Z SERIES, 3-INPUT AND GATE, PDSO5 Single 3-input AND gate; Package: SOT891 (XSON6); Container: Tape reel smd LVC/LCX/Z SERIES, 3-INPUT AND GATE, PDSO6
|
NXP Semiconductors N.V.
|
74LCX241WMX 74LCX241 74LCX241MSA 74LCX241MSAX 74LC |
Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|